Part Number Hot Search : 
SKA06N60 1191CB E3124 GS3BB HD74LV SI1029X 63245 KV1913A1
Product Description
Full Text Search
 

To Download MUR840-BP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mur805 thru mur840 8 amp s uper f a st glass passiv ated rectif ier features maximum ratings ? operating junction temperature: -55 c to +150 c ? storage temperature: -55 c to +150 c mcc catalog number device marking maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage mur805 mur805 50v 35v 50v mur810 mur810 100v 70v 100v electrical characteristics @ 25 c unless otherwise specified average forward current i f(av) 8.0a t c = 100 c peak forward surge current i fsm 125a 8.3 ms, half sine maximum forward voltage drop per element maximum dc reverse current at rated dc blocking voltage i r 10 ua 500ua t j = 25 c t j = 125 c *pulse test: pulse width 300 sec, duty cycle 2% mcc ? glass passivated chip ? superfast switching time for hight efficiency ? low reverse leakage current ? high surge capacity maximum reverse recovery time  inches mm      
a .560 .625 14.22 15.88 b .380 .420 9.65 10.67 c .100 .135 2.54 3.43 d .230 .270 5.84 6.86 e .380 .420 9.65 10.67 f ------ .250 ------ 6.35 g .500 .580 12.70 14.73 h .190 .210 4.83 5.33 i .020 .045 0.51 1.14 j .012 .025 0.30 0.64 k .139 .161 3.53 4.09 l .140 .190 3.56 4.83 m .045 .055 1.14 1.40 n .080 .115 2.03 2.92 
  trr a b c k j i g f e d n m l h pin 1 pin 2 case pin 12 i f =0.5a, i r =1.0a, i rr =0.25a mur820 mur820 200v 140v 200v to-220ac 50 to 400 volts mur840 mur840 400v 320v 400v v f i fm = 8 a t j = 25 c 50ns  
 omp onents 20736 marilla street chatsworth       
     mur805 ~mur820 mur840 1.0v 1.3v revision: 4 2006/07/06 tm micro commercial components x case material: molded plastic. ul flammability classification rating 94v-0 ? typical thermal resistence : junction to case(rthjc)=2.2 c /w www. mccsemi .com 1 of 3
mur805 thru mur840 mcc 20 16 12 8 4 0 0 50 100 150 case temperature fig. 1-typical forward current derating curve 1000 100 10 1.0 0.1 20 40 60 80 100 120 140 t j = 125 t j =25 percent of rated peak reverse voltage fig. 2-typical reverse characteristics 125 100 75 50 25 1 2 5 10 20 50 100 tj = 125 8.3ms single half since- wave jedec method number of cycles at 60hz fig. 3-maximum non-repetitive forward surge current 210 200 160 120 80 40 0 1 25 20 50 100 200 500 mur805~820 reverse voltage, volts 80 40 20 10 3.0 1.0 0.3 0.1 0.03 0.01 0.4 0.6 0.8 1.01.21.41.8 mur80 5~820 forward voltage, volts fig. 4-typical junction capacitance fig. 5-typical forward current peak forward current, amperes instantaneous reverse current, microamperes peak forward current amperes capacitance, (pf) instantaneous forward current, (a) revision: 4 2006/07/06 www. mccsemi .com 2 of 3 mur840 mur840
mcc revision: 4 2006/07/06 tm micro commercial components www. mccsemi .com 3 of 3 products are represented on our website, harmless against all damages. ***applications disclaimer*** ***important notice*** aerospace or military applications. products offer by micro commercial components corp . are not intended for use in medical, micro commercial components corp . reserve s the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . micro commercial components corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . the user of products in such applications shall assume all risks of such use and will agree to hold micro commercial components corp . and all the companies whose


▲Up To Search▲   

 
Price & Availability of MUR840-BP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X